Part Number Hot Search : 
P6SMB91 12050 KB357NT Y5DU56 MUR890 MBR5200D MC74HC1 00JTR
Product Description
Full Text Search
 

To Download 7021X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7021X Series Surface Mount LEDs Reverse Mounting
DESCRIPTION AND FEATURES
3.20 LE D C HIP 1.40
Surface Mount Technology * Tape and reel packaged for high-speed autoinsertion. * Convection and vapor-phase reflow compatible. * Compact form enables high density placement. * Packaged 3000 per reel. Leading Edge LED Optoelectronic Performance * Consistent high brightness. Exceptional Reliability * Stringent process controls assure quality. * Extensive qualification testing to meet strictest requirements. * Designed to permit easy post-reflow solder joint inspection. * Solder pad geometry on page 1-X1.
1.60
0.10
0.75 C AT HODE MAR K
1.40 P LAS T IC
0.80 S UB S T R AT E 0.30
0.50
0.50
C AT HODE P OLAR IT Y MAR K ANODE All dimensions in mm.
ELECTRO-OPTICAL CHARACTERISTICS AND RATINGS
P AR T NUMB E R Output C olor Diffused/Non-Diffused P ackage C olor P ower Dissipation (mW) P eak F orward C urrent Max. (mA) R everse V oltage (IR =100A) (V ) Operating temperature (C ) S torage T emperature (C ) F orward Voltage Typ. (IF =20mA) F orward Voltage Max. (IF =20mA) Lead S older Time @ 260C (seconds) Luminous Intensity Min. (IF=20mA) Luminous Intensity Typ. (IF=20mA) P eak Wavelength (IF =20mA) V iewing Angle (degrees) R ated C urrent (mA) 7021X1 R ed Diffused C lear 57.5 60 4 -30 to +85 -40 to +100 1.7 2.3 5 7.6 12.7 660 75 20 7021X3 Orange Diffused C lear 70 60 4 -30 to +85 -40 to +100 2.2 2.8 5 2.2 3.7 605 70 20 7021X5 G reen Diffused C lear 70 60 4 -30 to +85 -40 to +100 2.1 2.8 5 4.1 6.9 560 70 20 7021X7 Y ellow Diffused C lear 70 60 4 -30 to +85 -40 to +100 2.2 2.8 5 2.2 3.7 580 70 20 7021X15 G reen Diffused C lear 70 60 4 -30 to +85 -40 to +100 2.1 2.8 5 1.6 2.7 555 70 20
America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack -NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com
Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Durkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com
Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product
7021X Series Surface Mount LEDs Reverse Mounting


▲Up To Search▲   

 
Price & Availability of 7021X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X